Part Number Hot Search : 
BD249 4731A BC042 M39Y5V 8050D C4137 LCX16 BC042
Product Description
Full Text Search
 

To Download 2SA812 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SA812
PNP General Purpose Transistors
P b Lead(Pb)-Free
1 2 3
SOT-23
MAXIMUM RATINGS(Ta=25C)
Rating
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current - Continuous Total Device Dissipation TA=25C Junction Temperature Storage Temperature
Symbol
VCBO VCEO VEBO IC PD Tj Tstg
Value
-60 -50 -5.0 -100 200 +150 -55 to +150
Unit
V V V mA mW C C
WEITRON
http://www.weitron.com.tw
1/3
08-Dec-06
2SA812
ELECTRICAL CHARACTERISTICS Characteristics
Collector-Base Breakdown Voltage IC = -100A, IE = 0A Collector-Emitter Breakdown Voltage IC = -1mA, IB = 0A Emitter-Base Breakdown Voltage IE= 100A, IC=0 Collector Cutoff Current VCB = -60V, IE = 0A Emitter Cutoff Current VEB = -5V, IC = 0A
Symbol
V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO
Min
-60 -50 -5.0 -
Typ
-
Max
-0.1 -0.1
Unit
V V V A A
ON CHARACTERISTICS
Collector-Emitter Saturation Voltage IC = -100mA, IB = -10mA Collector-Emitter Voltage IC = -1mA, VCE = -6V, DC Current Transfer Ration VCE = -6V, IC = -1mA VCE(sat) VBE(on) hFE 90 -0.3 -0.68 600 V V
SMALL-SIGNAL CHARACTERISTICS
Transition frequence VCE=-6V, IC = -10mA fT 180 MHz
CLASSIFICATION hFE Range Marking 90-180 M4 135-270 M5 200-400 M6 300-600 M7
WEITRON
http://www.weitron.com.tw
2/3
08-Dec-06
2SA812
SOT-23 Outline Dimension
A
SOT-23
Dim A B C D E G H J K L M Min 0.35 1.19 2.10 0.85 0.46 1.70 2.70 0.01 0.89 0.30 0.076 Max 0.51 1.40 3.00 1.05 1.00 2.10 3.10 0.13 1.10 0.61 0.25
TOP VIEW D E G H
B
C
K J L M
WEITRON
http://www.weitron.com.tw
3/3
08-Dec-06


▲Up To Search▲   

 
Price & Availability of 2SA812

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X